ball grid arrays for 1mm grid male pin adapters & female socket www.mill-max.com 516-922-6000 111.3 series 5x9 for bga mount adapters locate footprint pattern from page 111.4, the middle 8 digits of the part number will be located under the pattern. for female sockets locate footprint pattern from page 111.4, the middle 8 digits of the part number will be located under the pattern. 9 9 9 ? bga adapter/socket systems are a reliable way to make bgas pluggable, they may also be used as a high density board-to-board interconnect. ? the bga device is soldered to a 9929 adapter (or a 7929 adapter is soldered to a pcb); and then either one can be plugged into a 9928 surface mount socket. ? both socket and adapter have the same footprint as the bga device. ? insertion force is only .41n per pin, and a pry-bar tool (part #828-01-010) is available for extraction. ? insulator material is fr-4 epoxy having a tce to match the bga device and circuit board. ? mill-max offers the option of having the solder surfaces of the 7929 adapter and 9928 socket pre-tinned. .047 .010 dia. .024 dia. .054 .123 .025 .090 .047 .024 dia. .033 dia. ordering information series plating window 9 1 0 4 9 code - - -- no. of pins grid size pattern # determined from footprint pattern on page 111.4 2 specify plating code xx= sleeve (pin) contact (clip) 11 10 ?au 10 ?au series plating window 1 1 4 8 code - --- no. of pins grid size pattern # determined from footprint pattern on page 111.4 2 plating code xx= pin plating 10 10 ?au bga mount adapter pin type 9929 printed circuit mount adapter pin type 7929 surface mount receptacle type 9928 5 for pcb mount adapters locate footprint pattern from page 111.4, the middle 8 digits of the part number will be located under the pattern. 9 series plating window 7 1 0 4 9 code - - -- no. of pins grid size pattern # determined from footprint pattern on page 111.4 2 5 6 9 1 0 4 1 - - -- 6 5 5 6 9 1 1 4 5 - --- 4 5 .018 .054 .141 .010 dia. .024 dia. .047 pre-tinned option pre- tinned pre- tinned
www.mill-max.com 516-922-6000 111.4 series 5x9 34 x 34 xxx-xx-580-17-005 34 x 34 xxx-xx-680-17-005 39 x 39 xxx-xx-560-20-007 8 x 8 xxx-xx-054-04-005 11 x 15 xxx-xx-165-01-005 14 x 14 xxx-xx-168-07-005 14 x 14 xxx-xx-196-07-000 26 x 26 xxx-xx-675-13-005 26 x 26 xxx-xx-676-13-000 30 x 30 xxx-xx-432-15-001 16 x 16 xxx-xx-208-08-001 22 x 22 xxx-xx-324-11-005 22 x 22 xxx-xx-376-11-005 22 x 22 xxx-xx-484-11-005 26 x 26 xxx-xx-352-13-007 26 x 26 xxx-xx-388-13-007 26 x 26 xxx-xx-484-13-005 8 x 8 xxx-xx-064-04-000 10 x 10 xxx-xx-100-05-000 16 x 16 xxx-xx-256-08-007 18 x 18 xxx-xx-324-09-000 26 x 26 xxx-xx-672-13-005 33 x 33 xxx-xx-560-17-001 39 x 39 xxx-xx-680-20-005 ball grid array footprints (1mm grid) top view shown. many other standard footprints are available. visit www.mill-max.com for a complete selection.
|